PART |
Description |
Maker |
TE28F160B3T90 28F008B3 28F016B3 28F032B3 28F320B3 |
(TE28F Series) SMART 3 ADVANCED BOOT BLOCK 4-8-16-32-MBIT FLASH MEMORY FAMILY SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 8 FLASH 3V PROM, 110 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 512K X 16 FLASH 2.7V PROM, 90 ns, PDSO48 RES 10K-OHM 2% 0.25W 100PPM MET-FILM AXIAL TR-13 R-MIL-PRF-39017 智能高级启动34 - - 6 - 2 - Mbit闪存家庭 TVS UNI-DIR 70V 400W SMA 智能高级启动3 - - 6 - 2 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 8 FLASH 2.7V PROM, 90 ns, PDSO40 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 512K X 16 FLASH 3V PROM, 90 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 智能高级启动3 - - 6 - 2 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 16 FLASH 2.7V PROM, 90 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 智能高级启动3 - - 6 - 32 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK, 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE, 8-MBIT (1024K x 8), 16-MBIT (2056K x 8) FLASH MEMORY FAMILY
|
TE Connectivity, Ltd. Intel, Corp. Intel Corp. Intel Corporation
|
28F320C3 |
3 Volt Advanced Boot Block Flash Memory(3 V 高级快速引导块闪速存储器) 32M X 8 FLASH 3V PROM
|
Intel, Corp.
|
AT49BV002AT AT49BV002ANT |
256K x 8 (2M bit), 2.7-Volt Read and 2.7-Volt Write, Top Boot Parametric Block Flash.
|
Atmel
|
AB28F200BR 29064803 |
5 Volt Boot Block Flash Memory From old datasheet system
|
Intel
|
AT49BV001A AT49BV001A-55JI AT49BV001A-55TI AT49BV0 |
128K x 8 (1M bit), 2.7-Volt Read and Write, Top or Bottom Boot Parametric Block Flash. 1-megabit (128K x 8) Single 2.7-volt Battery-Voltage⑩ Flash Memory 1-MEGABIT (128K X 8) SINGLE 2.7-VOLT BATTERY-VOLTAGE⒙ FLASH MEMORY 1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory AC 12C 12#12 SKT RECP JT 100C 100#22D SKT RECP AT49BV001A(N)(T) [Updated 9/03. 18 Pages] 128K x 8 (1M bit). 2.7-Volt Read and Write. Top or Bottom Boot Parametric Block Flash. AC 6C 3#16 3#4 SKT RECP Circular Connector; No. of Contacts:55; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No 1-megabit (128K x 8) Single 2.7-volt Battery-VoltageFlash Memory 1兆位128K的8)单2.7伏电池电压⑩闪存 1-megabit (128K x 8) Single 2.7-volt Battery-VoltageFlash Memory 128K X 8 FLASH 2.7V PROM, 55 ns, PQCC32 1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
LH28F320S5H-L |
32M-BIT ( 2Mbit x16 / 4Mbit x8 )Boot Block Flash MEMORY(32M 2Mx16 / 4Mx8 )Boot Block 闪速存储器)
|
Sharp Corporation
|
28F200B5 E28F400B5-B60 E28F400B5-T60 TB28F400B5B80 |
5V Boot Block Flash Memory(5 V 引导块闪速存储器) 512K X 8 FLASH 5V PROM, 70 ns, PDSO48 5 VOLT BOOT BLOCK FLASH MEMORY 1M X 8 FLASH 5V PROM, 80 ns, PDSO48
|
Intel Corp. Intel Corporation
|
AT49F002 AT49F002N-55TC |
x8 Flash EEPROM From old datasheet system 256K x 8 (2M bit), 5-Volt-Only, Top or Bottom Boot Parametric Block Flash
|
Atmel Corp
|
A28F400BR-TB A28F400BR-B AB28F400BR-T80 AB28F400BR |
4-MBIT (256K X 16/ 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY Toggle Switch; Circuitry:DPDT; Switch Operation:On-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Through Hole; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:PCB; Features:Standard Actuator RoHS Compliant: Yes 4-MBIT (256K X 16. 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-Mbit (256K x 16, 512K x 8) SmartVoltage boot block flash memory. Access speed 80 ns
|
Intel Corporation Intel Corp.
|
LH28F160BJHE-TTL90 LHF16J04 |
16M-BIT ( 1Mbit x16 / 2Mbit x8 )Boot Block Flash MEMORY(16M 1Mx16 / 2Mx8 )Boot Block 闪速存储器) Flash Memory 16M (1M × 16/2M × 8)
|
Sharp Corporation Sharp Electrionic Components
|
|